Part Number Hot Search : 
BDT61C BXMF1011 DD2524S ZTX555 SR162 MK30S 150FCB 4184NX
Product Description
Full Text Search
 

To Download 856562-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data sheet part number 856562 2140 mhz saw filter features ? for wcdma applicatio ns ? usable ban dwidth of 60 mhz ? low loss ? single-ende d input, 50 ? ? balanced ou tput, 100 ? ? ceramic chip scale package (csp) ? hermetic ? rohs comp liant (2002/9 5 /ec), pb-free ? packag e pin configuration surface mount 1.40 x 1.20 x 0.46 mm bottom vie w 5 2 4 3 1 pin no. description 1 i n p u t 3 , 4 o u t p u t 2 , 5 c a s e g r o u n d 0.46 nom. 0.5 0 max. 0. 325 1. 20 0.2 5 0.5 0 1.2 5 1. 40 0. 2 5 0. 9 0 dimens io ns sh o w n ar e nomi n al in mil limet ers all toler ances are 0.10mm body : al 2 o 3 ceramic lid: kovar or a lloy 4 2 , au ove r ni plate d t e rminations: au plati ng 0.5 - 1.0 m, over a 2 - 6 m ni plati n g pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 04- a p r-2 0 0 6 pag e 1 o f 5
preliminary data sheet part number 856562 2140 mhz saw filter electrical specifications (1) operating temperature range: (2) -30 to +85 o c parameter (3) minimum t y pical maximum unit center fre quenc y - 2 1 4 0 - m h z maximum insertion loss 2110 - 2170 mhz - 2 2.5 db absolute attenuation 10 - 1920 mhz 1920 - 1980 mhz 1980 - 2050 mhz 2230 - 2300 mhz 4220 - 4340 mhz 30 35 25 10 10 35 48 35 18 57 - - - - - db db db db db amplitude ripple 2110 - 2170 mhz - 0.1 1.5 db p-p output am plitude balance (|s 31 /s 21 |) 2110 - 2170 mhz -1.8 -0.67 1.8 db output pha se balance [ 2110 - 2170 mhz -13 -9.4 13  degree input/output vswr 2110 - 2170 mhz - 1.5:1 2.2:1 - source impedance (4) - 5 0 - : load impedance (balanced) (4) - 100 ?? 19nh - : notes : 1. all spec ificatio ns are bas ed o n the test circui t sho w n be lo w 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature drift an d manufactur i ng to lera nces 4. t h is is the optimum impe dan ce in ord e r to a c hiev e the perf o rmanc e sho w n test circuit: 50 : sing le-e nd ed input 2,5 1 3 50 : 4 100 : 19nh 100 : bala nced output subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 04- a p r-2 0 0 6 pag e 2 o f 5
preliminary data sheet part number 856562 2140 mhz saw filter typical performance (at +25 o c) subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 04- a p r-2 0 0 6 pag e 3 o f 5
preliminary data sheet part number 856562 2140 mhz saw filter matching schematics 50 ? sing le-e nd ed input 2,5 1 3 50 ? 4 100 ? 19nh 100 ? bala nced output marking pcb footprint mar k i n g co de mf g s i te em wwy id d o t date code 0.15 1.35 0.15 1.0 0 0.425 0. 3 5 t he date code consists of: w w = 2 digit w e ek, y = last digit of y e ar, m = man u facturin g site code t h is footprint repres ent s a re commen datio n onl y dimens io ns sh o w n ar e nomi n al in mil limet ers tape and reel 1. 7 5 3. 5 8. 0 a a 2.0 4. 0 4. 0 ?1 .0 ?1 . 5 1.7 3 0.9 1 0.3 section a-a 1. 47 8.8 id d o t 2.0 di rection of tra v el ? 330 ?2 0. 2 ? 13.0 ?1 02 2.7 dimens io ns sh o w n ar e nomi n al in mil limet ers packag i ng qua ntit y : 10 00 0 uni ts/reel subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 04- a p r-2 0 0 6 pag e 4 o f 5
preliminary data sheet part number 856562 2140 mhz saw filter maximum ratings parameter sy m bol minimum maximum unit operating temperature range t -30 +85 o c storage temperature range t stg - 4 0 + 8 5 o c important note s warnings ? electrostatic sensitive device (esd) ? avoid ultrasonic exposu r e rohs co mpliance ? this product complies with eu directive 2002/95/ec (rohs) solderability ? compatible with jedec j-std-020c pb -free process, 260 c peak reflo w temperatu r e ( see solde r ing p r ofile ) links to additional technical information pcb layout tips qualification flowcha r t soldering profile s-parameters ro hs inform ation other te ch ni cal inform atio n saw t ek?s liability is lim ited only to t he surface acou stic wave (saw) component(s) d e scribed in this d a ta sheet. sa w t ek does n ot accept any liability for applications, processes, circuits o r asse mblies, w h ich are implement ed using an y sa w t ek compo nent described in this data sheet. contact information po box 6095 01 orlan do, fl 3 2860 -95 01 usa phone: +1 (4 07) 88 6-886 0 fax: +1 (40 7 ) 886-7 061 email: cust se rv ice @ sa wt e k . c o m web: www.s awtek . c o m or conta c t on e of our wo rld w ide network of sales offices , rep r e s entativ es or di stri but ors pb subj ect to cha nge or o b so les c ence w i t h o u t notice re v - 04- a p r-2 0 0 6 pag e 5 o f 5


▲Up To Search▲   

 
Price & Availability of 856562-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X